Part Number Hot Search : 
4LVX1 SR1050 SMCJ110C 4AHC1 2SA10 07180 2SK34 10240
Product Description
Full Text Search
 

To Download HM78D-1210100MLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded surface mount inductors models hm78d1210xxxmlf magnetcs features operatng temperature range -40c to +125c temperature rise, maximum 40c ideal for sepic applicatons, high inductance, high efciency and ex cellent curren t handling in rugg ed, low cos t part use as dc-dc converter and in applicatons like hand phones, cd/dvd play er, digital camer a, gps sy stem. also used as two single inductor s connect ed series or parallel or as 1:1 trans former rohs compliant electrical schematc specifcatons @ 25c parallel mod e autotr an sf or me r an d se ri es m odes co up le d indu ct or , tran sfor me r an d sepic mode s leads connected in parallel leads connected in series part number l (h) dcr max (?) irated (a) isat (a) irms (a) l (h) dcr max (?) irated (a) isat (a) irms (a) hm78d-12104r7mlf 4.7020% 0.014 10.60 18.00 7.559 18.8025% 0.056 5.30 9.00 3.780 hm78d-12106r8mlf 6.8020% 0.017 10.40 14.20 6.860 27.2025% 0.068 5.20 7.10 3.430 hm78d-12108r2mlf 8.2020% 0.018 9.50 12.85 6.667 32.8025% 0.072 4.75 6.45 3.333 HM78D-1210100MLF 10.0020% 0.020 8.60 11.75 6.325 41.1225% 0.080 4.30 5.85 3.162 hm78d-1210220mlf 22.0020% 0.040 5.40 8.20 4.472 88.0025% 0.160 2.70 4.10 2.236 hm78d-1210330mlf 33.0020% 0.050 4.50 6.60 4.000 132.0025% 0.200 2.25 3.30 2.000 hm78d-1210470mlf 47.0020% 0.065 3.70 5.50 3.508 188.0025% 0.260 1.85 2.75 1.754 hm78d-1210560mlf 56.0020% 0.081 3.28 4.90 3.143 224.0025% 0.324 1.64 2.45 1.571 hm78d-1210680mlf 68.0020% 0.098 2.96 4.45 2.857 272.0025% 0.392 1.48 2.20 1.4 29 hm78d-1210101mlf 100.0020% 0.128 2.54 3.70 2.5 00 400.0025% 0.512 1.27 1.85 1.2 50 hm78d-1210121mlf 120.0020% 0.170 2.38 3.40 2.169 480.0025% 0.680 1.19 1.70 1.085 hm78d-1210331mlf 330.0020% 0.440 1.32 2.10 1.348 1320.0025% 1.760 0.66 1.05 0. 674 hm78d-1210471mlf 470.0020% 0.570 1.22 1.80 1.185 1880.0025% 2.280 0.61 0.90 0.5 92 mechanical outline (mm) recommended pc b pa tern notes : (1) inductance is measured a t 100khz, 0.1vrms, 0adc. (2) when leads connected in parallel, dcr is half the value. when lead connected in series, dcr is twice the value (3) isat current is the saturation current at which inductance rolls off approximately 30% from its initial (zero dc) value. (4) irms equals dc current, that causes component to increase by approximately 40c from 25c ambient. (5) irated current is the rated current at which inductance rolls off approximately 10% from its initial (zero dc) value. general note tt electronics reserves the right to make changes in product specifcaton without notce or liability. all inf ormaton is subject to tt electronics own dat a and is consider ed accura te at tme of going to print. ? tt electronics plc http://www.ttelectronics.com/magnetics/customer-service-enquiry rev. 03 8.17 bi technologies a-1445, jalan tanjung api 25050 kuantan pahang darul makmur malaysia ph: +60 9 565 8888 fax: +60 9 514 3555
surface mount coupled inductors models hm78d1210xxxmlf packaging ordering in formaton 1) tape and reel packaging. 2) 300pcs per 13 reel. hm78d-1210 xxx m lf tr model series inductance code: first 2 digits are signifcant. last digit denotes the number of trailing zeros. for values below 10uh, r denotes the decimal point. tape & reel packing lead-free inductance tolerance k=10% m=20% general note tt electronics reserves the right to make changes in product specifcaton without notce or liability. all in formaton is subject t o t t electr onics o wn da ta and is c onsidered accur ate a t tme of g oing t o print. ? tt electronics plc http://www.ttelectronics.com/magnetics/customer-service-enquiry rev. 03 8.17 bi technologies a-1445, jalan tanjung api 25050 kuantan pahang darul makmur malaysia ph: +60 9 565 8888 fax: +60 9 514 3555


▲Up To Search▲   

 
Price & Availability of HM78D-1210100MLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X